PART |
Description |
Maker |
MC74LCX16240DTR2 |
Low-Voltage CMOS 16-Bit Buffer
|
ON Semiconductor
|
AM29SL800CT150WBC AM29SL800CB120EI AM29SL800CB120E |
CAP 150UF 6.3V 20% TANT SMD-7343-30 TR-7 Quad 2-Input NOR Gates 14-SOIC -55 to 125 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 IC LOGIC 1G79 SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP -40 85C SOT-23-5 3000/REEL 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 120 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 16-Bit Buffer/Line Driver, OE Active Low
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
74VCX16244DT 74VCX16244DTR 74VCX16244 |
Low-Voltage 1.8/2.5/3.3V 16-Bit Buffer With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting) Low-Voltage 1.8V/2.5V/3.3V 16-Bit Buffer
|
ONSEMI[ON Semiconductor]
|
74VCXH162240 6459 |
LOW VOLTAGE CMOS 16-BIT BUFFER (3-STATE INV.) From old datasheet system
|
STMicro
|
74VCXH162240TTR |
LOW VOLTAGE CMOS 16-BIT BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics
|
74VCX16244 74VCX16244TTR |
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
STMicroelectronics
|
74VCX162240TTR |
LOW VOLTAGE CMOS 16-BIT BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics
|
54VCXH162244 54VCXH16224411 RHFXH162244K03V |
Low voltage CMOS 16-bit bus buffer (3-state non inverter) with 3.6 V tolerant inputs and outputs
|
STMicroelectronics
|
RHRXHR162245K-01Q RHRXHR162245K-01V RHRXHR162245K- |
Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
|
STMicroelectronics
|
54VCXHR162245 54VCXHR16224511 |
Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs
|
STMicroelectronics
|